Part Number Hot Search : 
B250S CED01N7 MR3502 2SK2959 7C1049 8T34SH DPPAAL 100AX
Product Description
Full Text Search
 

To Download IRF7335D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 94546
IRF7335D1
* Co-Pack Dual N-channel HEXFET Power MOSFET and Schottky Diode * Ideal for Synchronous Buck DC-DC Converters Up to 11A Peak Output * Low Conduction Losses * Low Switching Losses * Low Vf Schottky Rectifier
Dual FETKY
Co-Packaged Dual MOSFET Plus Schottky Diode Device Ratings (Typ.Values)
Q1 Q2 and Schottky
D1 D1 G1 G2 S2 S2 S2
1 2 3 4 5 6 7 Q2 Q1
14 13 12 11 10 9 8
S1, D2 S1, D2 S1, D2 S1, D2 S1, D2 S1, D2 S1, D2
RDS(on) QG Qsw VSD
13.4 m 13 nC 5.5 nC 1.0V
9.6 m 18 nC 6.4 nC 0.43V
Description The FETKYTM family of Co-Pack HEXFETMOSFETs and Schottky diodes offers the designer an innovative, board space saving solution for switching regulator and power management applications. Advanced HEXFETMOSFETs combined with low forward drop Schottky results in an extremely efficient device suitable for a wide variety of portable electronics applications. The SO-14 has been modified through a customized leadframe for enhanced thermal characteristics and multiple die capability making it ideal in a variety of power applications. With these improvements multiple devices can be used in an application with dramatically reduced board space. Internal connections enable easier board layout design with reduced stray inductance.
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C VGS EAS (6 sigma) TJ TSTG Drain-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
30 10 8.1 81 2.0 1.3 0.02 12 50 -55 to + 150 300 (1.6mm from case )
Units
V A W W/C V mJ C
Thermal Resistance
Symbol
RJL RJA
Parameter
Junction-to-Drain Lead Junction-to-Ambient
Typ.
Max.
20 62.5
Units
C/W
Notes through are on page 12
9/11/02
IRF7335D1
Electrical Characteristics
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Tem. Coefficient Static Drain-Source on Resistance Gate Threshold Voltage Drain-Source Leakage Current Gate-Source Leakage Current Forward Transconductance Total Gate Charge Pre-Vth Gate-Source Charge Post-Vth Gate-Source Charge Gate to Drain Charge Switch Chg(Qgs2 + Qgd) Output Charge Gate Resistance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance BVDSS
Q1-Control FET
Min 30 Typ Max
Q2-Synch FET & Schottky
Min 30 0.033 Typ Max Units V V 9.6 1.1 12.8 m V 30 10 100 28 A mA nA S 18 5.8 1.5 4.9 6.4 11 nC 5.0 VDD = 16V, ID = 8.0A ns VGS = 4.5V Clamped Inductive Load VDS = 16V, VGS = 0 nC 27 Conditions VGS = 0V, ID = 250A Reference to 25C, ID = 1.0mA VGS = 4.5V, ID = 10A VDS = VGS ,ID = 250A VDS = 24V, VGS = 0 VDS = 24V, VGS = 0, Tj = 125C VGS = 12V VGS =5V, ID=8.0A, VDS=15V VGS =4.5V, ID=8.0A, VDS=15V
BVDSS/TJ 0.025
RDS(on) V GS(th) IDSS 1.0
13.4
17.5
30 0.3
IGSS gFS QG Q GS1 Q GS2 QGD Qsw Qoss RG td (on) tr td tf Ciss Coss Crss
(off)
100 21 13 3.2 1.4 4.1 5.5 7.7 4.3 6.8 5.9 19 9.1 1500 310 140 10 20
2.6 8.8 3.3 17 7.0 2300 450 180
pF
VDS = 15V, VGS = 0
Source-Drain Rating & Characteristics
Parameter Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Time Reverse Recovery Charge IS ISM VSD trr Qrr trr Qrr 1 28 24 29 26 Min Typ Max 10 81 1.25 0.43 31 26 31 26 Min Typ Max Units 10 81 0.50 V ns nC ns nC A Conditions MOSFET symbol showing the intergral reverse p-n junction diode
G S D
TJ = 25C, IS = 1.0A,VGS= 0V TJ = 125C, IF = 8.0A, VR= 15V di/dt = 100A/s TJ = 125C, I F =8.0A, VR= 15V di/dt =100A/s
2
www.irf.com
IRF7335D1
Typical Characteristics Q1 - Control FET
1000
VGS 10V 5.0V 4.5V 3.0V 2.7V 2.5V 2.2V BOTTOM 2.0V TOP
Q2 - Synchronous FET & Schottky
1000
VGS 12V 10V 8.0V 4.5V 3.5V 3.0V 2.5V BOTTOM 2.25V TOP
I D, Drain-to-Source Current (A)
ID, Drain-to-Source Current (A)
100
100
10
10
1
1
2.0V 20s PULSE WIDTH Tj = 25C
0.1 0.1 1 10 100
2.25V 20s PULSE WIDTH Tj = 25C
0.1 0.1 1 10 100
VDS , Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
1000
VGS 10V 5.0V 4.5V 3.0V 2.7V 2.5V 2.2V BOTTOM 2.0V TOP
Fig 2. Typical Output Characteristics
100
VGS 12V 10V 8.0V 4.5V 3.5V 3.0V 2.5V BOTTOM 2.25V TOP
ID , Drain-to-Source Current (A)
100
ID , Drain-to-Source Current (A)
10
10
2.25V
1
2.0V 20s PULSE WIDTH Tj = 150C
20s PULSE WIDTH Tj = 150C
1 0.1 1 10 100
0.1 0.1 1 10 100
VDS, Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 3. Typical Output Characteristics
100.0
Fig 4. Typical Output Characteristics
100.0
T J = 150C
ID , Drain-to-Source Current ()
ID , Drain-to-Source Current ()
10.0
T J = 150C
10.0
1.0
T J = 25C
1.0
T J = 25C
0.1
0.0 2.0 2.5 3.0
VDS = 15V 20s PULSE WIDTH
3.5 4.0 4.5
0.1 2.0
VDS = 15V 20s PULSE WIDTH
3.0 4.0
VGS , Gate-to-Source Voltage (V)
VGS , Gate-to-Source Voltage (V)
Fig 5. Typical Transfer Characteristics
Fig 6. Typical Transfer Characteristics
www.irf.com
3
IRF7335D1
Typical Characteristics Q1 - Control FET
80
Q2 - Synchronous FET & Schottky
80
VGS 7.5V 4.5V 3.5V 2.5V 2.0V 1.5V 1.0V BOTTOM 0.0V TOP
ID Drain-to-Source Current (A)
60
TOP VGS 7.5V 4.5V 3.5V 2.5V 2.0V 1.5V 1.0V 0.0V
ID Drain-to-Source Current (A)
60
40
40
20
BOTTOM
20 20s PULSE WIDTH Tj = 25C 0
20s PULSE WIDTH Tj = 25C 0 0.0 0.4 0.8 1.2 1.6 2.0 VSD Source-to-Drain Voltage (V)
0.0
0.4
0.8
1.2
1.6
2.0
VSD Source-to-Drain Voltage (V)
Fig. 7. Typical Reverse Output Characteristics
80
TOP VGS 7.5V 4.5V 3.5V 2.5V 2.0V 1.5V 1.0V 0.0V
Fig. 8. Typical Reverse Output Characteristics
80
VGS 7.5V 4.5V 3.5V 2.5V 2.0V 1.5V 1.0V BOTTOM 0.0V TOP
ID Drain-to-Source Current (A)
60
ID Drain-to-Source Current (A)
60
BOTTOM
40
40
20 20s PULSE WIDTH Tj = 150C 0 0.0 0.4 0.8 1.2 1.6 2.0
20 20s PULSE WIDTH Tj = 150C 0 0.0 0.4 0.8 1.2 1.6 2.0 VSD Source-to-Drain Voltage (V)
VSD Source-to-Drain Voltage (V)
Fig. 9. Typical Reverse Output Characteristics
100.0
Fig. 10. Typical Reverse Output Characteristics
100.0
ISD, Reverse Drain Current (A)
T J = 150C 10.0
ISD, Reverse Drain Current (A)
10.0
TJ = 150C
1.0 TJ = 25C VGS = 0V 0.1 0.0 0.4 0.8 1.2 1.6 2.0 VSD, Source-toDrain Voltage (V)
1.0
TJ = 25C
VGS = 0V 0.1 0.0 0.4 0.8 1.2 1.6 VSD, Source-toDrain Voltage (V)
Fig 11. Typical Source-Drain Diode Forward Voltage
Fig 12. Typical Source-Drain Diode Forward Voltage
4
www.irf.com
Typical Characteristics Q1 - Control FET
2500 VGS = 0V, f = 1 MHZ C iss = C gs + C gd , C ds SHORTED Crss Coss =C gd = Cds + Cgd
IRF7335D1
VGS = 0V, f = 1 MHZ C iss = C gs + Cgd , SHORTED Crss = C gd Coss = Cds + Cgd
Q2 - Synchronous FET & Schottky
4000 3500 3000
C ds
2000
C, Capacitance (pF)
C, Capacitance (pF)
1500
Ciss
2500
Ciss
2000 1500 1000
1000
500
Coss Crss
0 1 10 100
500 0 1
Coss Crss
10 100
VDS, Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 13. Typical Capacitance Vs.Drain-to-Source Voltage
12 ID= 8.0A
VGS , Gate-to-Source Voltage (V)
Fig 14. Typical Capacitance Vs.Drain-to-Source Voltage
12 I D= 8.0A VDS = 24V VDS= 15V
VGS , Gate-to-Source Voltage (V)
20 25 30
10 8 6 4 2 0 0 5
VDS = 24V VDS= 15V
10 8 6 4 2 0
10
15
0
5
10
15
20
25
30
Q G Total Gate Charge (nC)
Q G Total Gate Charge (nC)
Fig. 15. Gate-to-Source Voltage vs Typical Gate Charge
1000 OPERATION IN THIS AREA LIMITED BY RDS (on)
Fig. 16. Gate-to-Source Voltage vs Typical Gate Charge
1000 OPERATION IN THIS AREA LIMITED BY R DS (on)
I D, Drain-to-Source Current (A)
ID, Drain-to-Source Current (A)
100
100
10
100sec 1msec
10
100sec 1msec
1 Tc = 25C Tj = 150C Single Pulse 0.1 0.1 1.0 10.0
10msec
1 Tc = 25C Tj = 150C Single Pulse 0.1 0.1 1.0 10.0
10msec
100.0
1000.0
100.0
1000.0
VDS , Drain-toSource Voltage (V)
VDS , Drain-toSource Voltage (V)
Fig 17. Maximum Safe Operating Area
Fig 18. Maximum Safe Operating Area
www.irf.com
5
IRF7335D1
Q1 - Control FET
2.0
Typical Characteristics Q2 - Synchronous FET & Schottky
2.0
R DS(on) , Drain-to-Source On Resistance
ID = 10A VGS = 4.5V
RDS(on) , Drain-to-Source On Resistance
1.5
I D = 10A
1.5
(Normalized)
(Normalized)
1.0
1.0
0.5
V GS = 4.5V
0.0 -60 -40 -20 0 20 40 60 80 100 120 140 160
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature
( C)
Fig 19. Normalized On-Resistance Vs. Temperature
R DS ( on) , Drain-to-Source On Resistance ( )
0.030
T J , Junction Temperature (C)
Fig 20. Normalized On-Resistance Vs. Temperature
R DS (on) , Drain-to-Source On Resistance ( )
0.011
0.025
VGS = 4.5V 0.010
0.020
VGS= 4.5V
0.015
0.010 0 20 40 60 80
0.009 0 20 40 60 80 100 ID , Drain Current (A)
ID , Drain Current (A)
Fig 21. Typical On-Resistance Vs. Drain Current
R DS(on) , Drain-to -Source On Resistance ( )
0.03
Fig 22. Typical On-Resistance Vs. Drain Current
R DS(on) , Drain-to -Source On Resistance ( )
0.015
0.02
ID = 10A
0.010
I D = 10A
0.01
0.00 2.0 4.0 6.0 8.0 10.0
0.005 3.0 3.5 4.0 4.5
VGS, Gate -to -Source Voltage (V)
VGS, Gate -to -Source Voltage (V)
Fig 23. Typical On-Resistance Vs. Gate Voltage
Fig 24. Typical On-Resistance Vs. Gate Voltage
6
www.irf.com
IRF7335D1
12
VDS
10
RD
ID , Drain Current (A)
VGS
8
RG V GS
D.U.T.
+
6
-VDD
4
Pulse Width 1 s Duty Factor 0.1 %
2
Fig 26a. Switching Time Test Circuit
VDS
25 50 75 100 125 150
0
90%
T J , Junction Temperature (C)
Fig 25. Maximum Drain Current Vs.CaseTemperature
10% VGS
td(on)
Current Regulator Same Type as D.U.T.
tr
t d(off)
tf
Fig 26b. Switching Time Waveforms
50K 12V .2F .3F
VGS
QGS
D.U.T. + V - DS
QG QGD
VG
VGS
3mA
Charge
IG ID
Current Sampling Resistors
Fig 27a&b. Basic Gate Charge Test Circuit and Waveform
100
D = 0.50
Thermal Response ( Z thJA )
10
0.20 0.10 0.05
1
0.02 0.01
0.1
SINGLE PULSE ( THERMAL RESPONSE )
0.01 1E-006 1E-005 0.0001 0.001 0.01 0.1 1 10 100
t1 , Rectangular Pulse Duration (sec)
Fig. 28. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
7
IRF7335D1
Schottky Diode Characteristics
100
100000
10000
Reverse Current - I R (A )
Tj = 150C
1000
125C 100C
100
75C 50C 25C
Instantaneous Forward Current - I F ( A )
10
10
1
0.1 0 5 10 15 20 25 30
Reverse Voltage - V R (V)
T J = 150C 1 T J = 125C T J = 25C
Fig. 30 - Typical Values of Reverse Current Vs. Reverse Voltage
0.1 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 Forward Voltage Drop - V F ( V )
Fig. 29 - Maximum Forward Voltage Drop Characteristics
8
www.irf.com
IRF7335D1
D.U.T
Driver Gate Drive Period D= P.W. Period VGS=10V
+
P.W.
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. I SD controlled by Duty Factor "D" D.U.T. - Device Under Test
V DD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig. 31 Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
Id Vds Vgs
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig. 32 Gate Charge Waveform
www.irf.com
9
IRF7335D1
Power MOSFET Selection for Non-Isolated DC/DC Converters
Control FET Special attention has been given to the power losses in the switching elements of the circuit - Q1 and Q2. Power losses in the high side switch Q1, also called the Control FET, are impacted by the Rds(on) of the MOSFET, but these conduction losses are only about one half of the total losses. Power losses in the control switch Q1 are given by; Synchronous FET The power loss equation for Q2 is approximated by;
* Ploss = Pconduction + P + Poutput drive
Ploss = Irms x Rds(on)
+ ( g x Vg x f ) Q
(
2
)
Ploss = Pconduction+ Pswitching+ Pdrive+ Poutput
This can be expanded and approximated by;
Q + oss x Vin x f + (Qrr x Vin x f ) 2
*dissipated primarily in Q1. For the synchronous MOSFET Q2, Rds(on) is an important characteristic; however, once again the importance of gate charge must not be overlooked since it impacts three critical areas. Under light load the MOSFET must still be turned on and off by the control IC so the gate drive losses become much more significant. Secondly, the output charge Qoss and reverse recovery charge Qrr both generate losses that are transfered to Q1 and increase the dissipation in that device. Thirdly, gate charge will impact the MOSFETs' susceptibility to Cdv/dt turn on. The drain of Q2 is connected to the switching node of the converter and therefore sees transitions between ground and Vin. As Q1 turns on and off there is a rate of change of drain voltage dV/dt which is capacitively coupled to the gate of Q2 and can induce a voltage spike on the gate that is sufficient to turn the MOSFET on, resulting in shoot-through current . The ratio of Qgd/Qgs1 must be minimized to reduce the potential for Cdv/dt turn on.
Ploss = (Irms 2 x Rds(on ) ) Qgs 2 Qgd +I x x Vin x f + I x x Vin x f ig ig + (Qg x Vg x f ) + Qoss x Vin x f 2
This simplified loss equation includes the terms Qgs2 and Qoss which are new to Power MOSFET data sheets. Qgs2 is a sub element of traditional gate-source charge that is included in all MOSFET data sheets. The importance of splitting this gate-source charge into two sub elements, Qgs1 and Qgs2, can be seen from Fig 16. Qgs2 indicates the charge that must be supplied by the gate driver between the time that the threshold voltage has been reached and the time the drain current rises to Idmax at which time the drain voltage begins to change. Minimizing Qgs2 is a critical factor in reducing switching losses in Q1. Qoss is the charge that must be supplied to the output capacitance of the MOSFET during every switching cycle. Figure A shows how Qoss is formed by the parallel combination of the voltage dependant (nonlinear) capacitances Cds and Cdg when multiplied by the power supply input buss voltage.
Figure A: Qoss Characteristic
10
www.irf.com
IRF7335D1
SO-14 Package Details
SO-14 Part Marking
www.irf.com
11
IRF7335D1
SO-14 Tape and Reel
Notes:
Repetitive rating; pulse width limited by max. junction temperature. Pulse width 300 s; duty cycle 2%. When mounted on 1 inch square copper board. Combined Q1,Q2 IRMS @ Pwr Vout pins. Calculated continuous current based on max allowable junction temperature; switching or other losses will decrease RMS current capability Q1 and Q2 is tested 100% in production to 50mJ to stress and eliminate potentially defective parts. This is not a design for use value.
Data and specifications subject to change without notice. This product has been designed and qualified for the consumer market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.9/02
12
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7335D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X